Part Number Hot Search : 
BH7601FS DRS1212 1215S 37300 627ER 2SB15 00BGXC 3DD130
Product Description
Full Text Search
 

To Download UPD6325 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD6325, PD6326, PD6335, PD6336
QUAD/OCTAL 6BIT D/A CONVERTER CMOS LSI
DESCRIPTION
PD6325 Serise are 6 bit D/A Converter for control volumn, brightness, contrast, color or tone of TV set.
The data are transferring serially from micro-computer.
PD6325 Serise Line-up
D/A output is consist of Emitter follower buffer Non buffer output QUAD D/A OCTAL D/A
PD6325C, 6325G PD6335C, 6335G
PD6326C PD6336C
FEATURES
* R-2R ladder D/A * Serial Data input (DATA IN, CLOCK, LOAD) * Power supply voltage of interface is 5 V (VCC) and D/A reference voltage is free (VCC to 15 V).
ORDERING INFORMATION
Part No. Package 16-pin plastic DIP (300 mil) 16-pin plastic SOP (300 mil) 16-pin plastic DIP (300 mil) 16-pin plastic DIP (300 mil) 16-pin plastic SOP (300 mil) 16-pin plastic DIP (300 mil)
PD6325C PD6325G PD6326C PD6335C PD6335G PD6336C
PIN CONNECTION DIAGRAM (Top View)
PD6325, PD6335
VCC DATA IN N.C. CLOCK LOAD N.C. DATA OUT VSS
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
PD6326, PD6336
VCC DATA IN CLOCK LOAD OPTION1 DATA OUT DA8 VSS
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
VDD DA1 DA2 DA3 DA4 N.C. OPTION1 OPTION2
VDD DA1 DA2 DA3 DA4 DA5 DA6 DA7
Document No. G10654EJ6V0DS00 (6th edition) Date Published November 1997 N Printed in Japan
(c)
1995
PD6325, PD6326, PD6335, PD6336
BLOCK DIAGRAM
VCC VCC CLOCK DATA IN LOAD Level Shifter LSB D0 D1 D2 12 bit Shift Resister D3 D4 D5 D6 D7 D8 MSB D9 D10 D11 DATA OUT OPTION2 OPTION1 Latch Line Decoder Level Shifter
6 bit Latch VDD VCC VSS 6 bit R-2R ladder D/A Converter VDD
6 bit Latch
6 bit R-2R ladder D/A Converter VDD
A V
B
A V
B
DA1 *A ------ PD6335, PD6336 B ------ PD6325, PD6326
DA8
PD6325, PD6326 have Quad D/As.
2
PD6325, PD6326, PD6335, PD6336
PIN CONFIGURATION
Pin No.
PD
6325 6335
PD
6326 6336
Symbol
Pin Name
Function
1
1
VCC
Interface Power Supply
This pin is used to interface with the control IC (ex. micro processor). Supply the voltage high level of the control IC. Control data input terminal. Data is read in synchronization with the clocks input to the CLOCK terminal. Data read clock input terminal. The Data input to the DATA IN terminal is read at the leading edge of the clock. This terminal is used to input Load signals after inputting serial data. 12 bit data is read after leading edge of a pulse input to the LOAD terminal. Serial data output terminal. The final stage data of 12 bit shift register appeares on this terminal in synchronization with shift clock. System ground. D7 the data of the shift register appears on this terminal. (Only PD6325 and PD6335) D6 the data of the shift register appears on this terminal. Analog Output Analog Output Analog Output Analog Output Analog Output Analog Output Analog Output Analog Output Reference Voltage for D/A converters. Analog output voltage range is GND to VDD.
2
2
DATA IN
Serial Data Input
4
3
CLOCK
Shift Clock Input
5
4
LOAD
Load Pulse Input
7 8 9 10 - - - - 12 13 14 15 16
6 8 - 5 7 9 10 11 12 13 14 15 16
DATA OUT VSS OPTION2 OPTION1 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 VDD
Serial Data Output Ground Expantion Output Port Expanttion Output Port Analog Output Channel 8 Analog Output Channel 7 Analog Output Channel 6 Analog Output Channel 5 Analog Output Channel 4 Analog Output Channel 3 Analog Output Channel 2 Analog Output Channel 1 Power Supply
3
PD6325, PD6326, PD6335, PD6336
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Supply Voltage Output Voltage Input Voltage Input Current Emitter Follower Current Power Dissipation Operating Temperature Storage Temperature VDD,VCC VOUT VIN IIN IOE PD TA Tstg -0.5 to +18, VCC VDD -0.5 to VDD +0.5 -0.5 to VCC +0.5 10 10 500*/200** -40 to +85 -65 to +125 *DIP **SOP V V V mA mA mW C C
RECOMMENDED OPERATING CONDITIONS
PARAMETER Supply Voltage Supply Voltage of Interface Low Level Input Voltage High Level Input Voltage Only PD6325 & PD6326 Emitter Follower Power Dissipation 1 Emitter Follower Power Dissipation 2 Emitter Follower Power Dissipation 3 Emitter Follower Power Dissipation 4 SYMBOL VDD VCC VIL VIH PE/unit PE/unit PE total PE total 3.5 5 15 25 75 MIN. VCC 4.5 5.0 TYP. MAX. 15 5.5 0.8 UNIT V V V V mW mW mW mW CONDITION VCC VDD VCC VDD VCC = 5 V, VDD = 5 to 15 V VCC = 5 V, VDD = 5 to 15 V TA = 85 C TA = 70 C TA = 85 C TA = 70 C
TIMING CONDITIONS (TA = -40 to +85 C, VSS = 0 V, VCC = 5 V, VDD = VCC to 15 V) CLOCK High Level Width CLOCK Low Level Width CLOCK Rise Time CLOCK Fall Time DATA IN Setup Time DATA IN Hold Time Pulse Width, LOAD High LOAD Lead Time LOAD Lag Time tCH tCL tcr tcf tDsetup tDhold tW(LOAD) tLIead tLIag 2 10 4 10 10 4.0 10.0 1.0 1.0
s s s s s s s s s
4
PD6325, PD6326, PD6335, PD6336
ELECTRICAL CHARACTERISTICS (TA = -40 to +85C, VSS = 0 V, VCC = 4.5 to 5.5 V, VDD = VCC to 15 V)
PARAMETER Current Consumption Current Consumption Current Consumption of Interface Input Leak Current DATA OUT High Level Output Voltage Low Level Output Voltage SYMBOL IDD IDD ICC IILEAK IOH -100 MIN. TYP. MAX. 15 10 10 1 UNIT mA mA CONDITION No Load, for PD6326, 6336 No Load, for PD6325, 6335 No Load of DATA OUT, Static Consumption VIN = VCC or VSS VOH = VDD -0.5 V
A A A A
DATA OUT
IOL IOLEAK tDA set
100 20 10
VOL = 0.5 V for PD6325, 6326 Note
Emitter Follower Leak Current Setling Time
A s
Note PD6325, 6326: RL = 20 k, CL = 50 pF
PD6335, 6336: No Load.
5
PD6325, PD6326, PD6335, PD6336
DATA CONFIGURATION
Data Length is 12 bit.
Last LSB D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 First MSB D11
D/A output CONTROL BIT D11 0 0 0 0 0 0 0 0 1 1 D10 0 0 0 0 1 1 1 1 0 x D9 0 0 1 1 0 0 1 1 0 x D8 0 1 0 1 0 1 0 1 0 x Select D/A Don't Care DA1 DA2 DA3 DA4 DA5 DA6 DA7 DA8 Don't Care Target device
PD6325, 6326 PD6335, 6336 PD6325, 6326 PD6335, 6336 PD6325, 6326 PD6335, 6336 PD6325, 6326 PD6335, 6336 PD6325, 6326 PD6335, 6336 PD6326 PD6336 PD6326 PD6336 PD6326 PD6336 PD6326 PD6336 PD6325, 6326 PD6335, 6336
OPTION output CONTROL BIT D7 0 0 1 1 D6 0 1 0 1 OPTION1 out. L H L H OPTION2 out. L L H H Note OPTION2 is only PD6325, 6326 OPTION2 is only PD6325, 6326 OPTION2 is only PD6325, 6326 OPTION2 is only PD6325, 6326
D/A Output Voltage CONTROL BIT D5 0 0 0 0 D4 0 0 0 0 D3 0 0 0 0 D2 0 0 0 0 D1 0 0 1 1 D0 0 1 0 1 Output Voltage VDD/64 2 x VDD/64 3 x VDD/64 4 x VDD/64
1 1
1 1
1 1
1 1
1 1
0 1
63 x VDD/64 VDD
6
PD6325, PD6326, PD6335, PD6336
EQUIVALENT CIRCUIT OF 6 bit D/A
LSB D0
D1
D2
D3
D4
MSB D5
2R
2R
2R
2R
2R
R
R
R R
R 15 k
R
2R
D/A OUT
2R
Output voltage 1/64 VDD to VDD
VDD
TIMING CHART
MSB DATA IN D11 D10 D9 D8 D3 D2 D1 LSB D0
CLOCK
LOAD
D/A OUTPUT
COMMAND VALID Data is loaded when LOAD is high level.
DATA IN tDsetup CLOCK tCL tCH tLlag LOAD tDAset D/A OUTPUT COMMAND VALID tW(LOAD) tL lead tDhold
7
PD6325, PD6326, PD6335, PD6336
LINIARITY OF D/A OUTPUT (PD6335, 6336) (TYP.)
*TA = -40 C
VE NONL (mV)
60 40 20 0 1 2 3 4 5 6 7 8 16 24 32 40 48 56 64 LSB VDD = 5 V
VE NONL (mV)
150 100 50 0 1 2 3 4 5 6 7 8 16 24 32 40 48 56 64
VDD = 10 V
LSB
200
VDD = 15 V
VE NONL (mV)
150 100 50 0 1 2 3 4 5 6 7 8 16 24 32 40 48 56 64 LSB
*TA = 25 C
VE NONL (mV)
60 40 20 0 1 2 3 4 5 6 7 8 16 24 32 40 48 56 64
VDD = 5 V
LSB
VE NONL (mV)
150 100 50 0 1 2 3 4 5 6 7 8 16 24 32 40 48 56 64
VDD = 10 V
LSB
200
VE NONL (mV)
VDD = 15 V
150 100 50 0 1 2 3 4 5 6 7 8 16 24 32 40 48 56 64 LSB
8
PD6325, PD6326, PD6335, PD6336
*TA = 85 C
VE NONL (mV)
60 40 20 0 1 2 3 4 5 6 7 8 16 24 32 40 48 56 64 LSB VDD = 5 V
VE NONL (mV)
150 100 50 0 1 2 3 4 5 6 7 8 16 24 32 40 48 56 64
VDD = 10 V
LSB VDD = 15 V
200
VE NONL (mV)
150 100 50 0 1 2 3 4 5 6 7 8 16 24 32 40 48 56 64 LSB * VE NONL = (MEASUREMENT VALUE) - (IDEAL VALUE)
9
PD6325, PD6326, PD6335, PD6336
Characteristics of Emitter follower buffer (PD6325, 6326) (1) VBE - IE (including R-2R's resister)
1.0 TA = 25 C
VBE (V)
0.5
0 0.01
0.03
0.1 IE (mA)
0.3
1
(2) VBE - TA
1.0 IDA = -100 A
VBE (V)
0.5
0 -40 0 TA (C) 40 80
10
PD6325, PD6326, PD6335, PD6336
APPLICATION FOR TV SET
+5 V
VCC to +15 V
+12 V
VDD
VCC DATA IN
VDD DA1 DA2 Video Chroma Signal Processor
CPU 17K Series 75X, 78K Series CLOCK
DA3 LOAD DA4
GND
PD6325 or PD6326
VSS
+12 V
Dual ATT. PC1406
APPLICATION FOR CASCADE CONNECTING
+5 V
VCC to +15 V
VCC to +15 V
VCC to +15 V
VDD DATA CPU CLOCK
VDD VCC DATA IN DATA OUT
VDD VCC DATA IN DATA OUT
VDD VCC DATA IN DATA OUT
STB GND
CLOCK PD6325 Series LOAD VSS
CLOCK PD6325 Series LOAD VSS
CLOCK PD6325 Series LOAD VSS
11
PD6325, PD6326, PD6335, PD6336
16PIN PLASTIC DIP (300 mil)
16 9
1 A
8
K I P L
J
H G F D N
M
C B M
R
NOTES 1) Each lead centerline is located within 0.25 mm (0.01 inch) of its true position (T.P.) at maximum material condition. 2) Item "K" to center of leads when formed parallel.
ITEM A B C D F G H I J K L M N P R
MILLIMETERS 20.32 MAX. 1.27 MAX. 2.54 (T.P.) 0.500.10 1.2 MIN. 3.50.3 0.51 MIN. 4.31 MAX. 5.08 MAX. 7.62 (T.P.) 6.4 0.25 +0.10 -0.05 0.25 1.0 MIN. 0~15
INCHES 0.800 MAX. 0.050 MAX. 0.100 (T.P.) 0.020 +0.004 -0.005 0.047 MIN. 0.1380.012 0.020 MIN. 0.170 MAX. 0.200 MAX. 0.300 (T.P.) 0.252 0.010 +0.004 -0.003 0.01 0.039 MIN. 0~15
P16C-100-300A,C-1
12
PD6325, PD6326, PD6335, PD6336
16 PIN PLASTIC SOP (300 mil)
16 9 detail of lead end
1 A
8 H I J
F
G
K
E
C D M
N
M
B
L
NOTE Each lead centerline is located within 0.12 mm (0.005 inch) of its true position (T.P.) at maximum material condition.
ITEM A B C D E F G H I J K L M N P
MILLIMETERS 10.46 MAX. 0.78 MAX. 1.27 (T.P.) 0.40 +0.10 -0.05 0.10.1 1.8 MAX. 1.55 7.70.3 5.6 1.1 0.20 +0.10 -0.05 0.60.2 0.12 0.10 3 +7 -3
P
INCHES 0.412 MAX. 0.031 MAX. 0.050 (T.P.) 0.016 +0.004 -0.003 0.0040.004 0.071 MAX. 0.061 0.3030.012 0.220 0.043 0.008 +0.004 -0.002 0.024 +0.008 -0.009 0.005 0.004 3 +7 -3 P16GM-50-300B-4
13
PD6325, PD6326, PD6335, PD6336
REFERENCE
Document Name NEC semiconductor device reliability/quality control system Quality grade on NEC semiconductor devices Semiconductor device mounting technology manual Semiconductor device package manual Guide to quality assurance for semiconductor devices Semiconductor selection guide Document No. IEI-1212 C11531E C10535E C10943X MEI-1202 X10679E
14
PD6325, PD6326, PD6335, PD6336
[MEMO]
15
PD6325, PD6326, PD6335, PD6336
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96.5


▲Up To Search▲   

 
Price & Availability of UPD6325

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X